Part Number Hot Search : 
0732G ST1510FX 46010 ON1271 CS5165H 1SS214 EM74XXX RX5000
Product Description
Full Text Search
 

To Download SM8141 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SM8141
NIPPON PRECISION CIRCUITS INC.
EL Sheet Driver
OVERVIEW
The SM8141 is a transformer-less electroluminescent (EL) sheet lamp driver, capable of driving sheets up to 50cm2 in size. It employs built-in high withstand voltage output MOS transistors and requires few external components, making it ideal for compact driver units in portable equipment.
PINOUT
8pin VSOP (TOP VIEW)
CHV LDR VSS
1 2 3 4
8 7
OUT1 OUT2 VDD OCE
FEATURES
s s s s s s s
8141A
6 5
OCL
s s s s s
Dedicated EL driver 50cm2 maximum EL sheet drive capability Noise-less smooth drive waveform Two oscillators (EL and coil)(SM8141A) Stand-by function (SM8141B) High-efficiency MOS transistor driver Dual supply operation possible (See TYPICAL APPLICATIONS) 2.0 to 5.5V supply operation 200Vp-p maximum drive voltage 250Hz standard drive frequency 8-pinVSOP package Chip form
CHV LDR VSS OSC
1 2 3 4
8 7
OUT1 OUT2 VDD ENA
8141B
6 5
PACKAGE DIMENSIONS
(Unit : mm)
ORDERING INFORMATION
DEVICE S M 8 1 4 1 AV SM8141BV CF8141A CF8141B PA C K A G E 8pin V S O P 8pin V S O P Chip form Chip form
0 to 10
4.4 0.2
6.4 0.3
0.575 typ 3.1 0.3
0.15 -0.05
+0.1
0.10
0.22 0.1
0.1 0.05
0.65
1.15 0.05
0.12 M
NIPPON PRECISION CIRCUITS--1
0.5 0.2
SM8141
PAD DIMENSIONS
(Unit : mm)
(1800,1300) 7 6 5 4
Y
8 1
NPC SA8141
3 2
(0,0) X
Chip size : 1.80 x 1.30 (mm) Chip thickness : 300 ( m ) Chip base : V S S
PIN DESCRIPTION
* SM8141A
Pin number 1 2 3 4 5 6 7 8 P ad number 6 7 8 1 2 3 4 5 P ad dimensions Name X (m) CHV LDR VSS OCL OCE VDD OUT2 OUT1 635 435 180 180 1620 1620 1650 1110 Y (m) 1150 1150 420 180 180 420 1120 1120 I O - I I - O O High-voltage DC input Booster coil driver output Ground Coil driver oscillator (oscillator frequency determined by external variable resistor) EL driver oscillator (oscillator frequency determined by external variable resistor) Supply Output 2 Output 1 I/O Function
* SM8141B
Pin number 1 2 3 4 5 6 7 8 P ad number 6 7 8 1 2 3 4 5 P ad dimensions Name X (m) CHV LDR VSS OSC ENA VDD OUT2 OUT1 635 435 180 180 1620 1620 1650 1110 Y (m) 1150 1150 420 180 180 420 1120 1120 I O - I I - O O High-voltage DC input Booster coil driver output Ground Coil and EL driver oscillator (oscillator frequency determined by external variable resistor) E n a ble input (built-in pull-down resistor) Supply Output 2 Output 1 I/O Function
NIPPON PRECISION CIRCUITS--2
SM8141
BLOCK DIAGRAM
* SM8141A
OUT1 OUT2
Divider
VDD
CHV
LDR
High Voltage Switching Circuit
Divider
Oscillation Circuit for Voltage Booster
Oscillasion Circuit for output
* SM8141B
OUT1 OUT2
Divider
VDD
OCL
CHV
LDR
High Voltage Switching Circuit
Divider
Oscillation Circuit for boosting voltage and EL drive
OSC
NIPPON PRECISION CIRCUITS--3
ENA
VSS
OCE
VSS
SM8141
SPECIFICATIONS
Absolute Maximum Ratings
VSS = 0 V
P arameter Supply voltage range Input voltage range Symbol VDD V IN VCHV Output voltage VLDR VOUT1/2 Storage temperature range Pow er dissipation Soldering temperature Soldering time TSTG PD TSLD tS L D T a 85 C All Input pins CHV pin LDR pin OUT1 , OUT2 pin Condition Rating - 0.3 to 7.0 V S S - 0.3 to V D D + 0.3 0.5 to 120 0.5 to 120 0.5 to 120 - 55 to 125 100 255 10 Unit V V V V V C mW C s
Recommended Operating Conditions
VSS = 0 V
Rating P arameter Supply voltage Operating temperature Operating current 1 Coil inductance Symbol VDD TO P R ID D 2 LLDR2 Including coil current, V D D = 3.0V Including coil current, V D D = 5.0V fL D R = 64 kHz Condition min 2.0 - 40 - - - typ 3.0 - - - 0.47 max 5.5 85 60 mA 36 - mH V C Unit
1. Max value is as same as Absolute Maximum Ratings.
NIPPON PRECISION CIRCUITS--4
SM8141
DC Characteristics
Ta = 25 C, VSS = 0 V, VDD = 3.0 V unless otherwise noted
Rating P arameter Supply voltage CHV output voltage OUT1, OUT2 HIGH-level output voltage O U T 1 , O U T 2 L OW -level output voltage LDR output resistance OCE oscillator frequency A OCE oscillator frequency range OCL oscillator frequency A OCL oscillator frequency range OSC oscillator frequency B OSC oscillator frequency range OUT1, OUT2 output frequency A/B OUT1, OUT2 output frequency range LDR inductance driver frequency A/B LDR inductance driver frequency range ENA HIGH-level input voltage B E N A L OW -level input voltage ENA input current Operating current Stand-by current ENA r ise time B A/B B B Ver. A/B A/B A/B A/B A/B Symbol VDD VCHV VOUTH VOUTL R LDR fO C E 1 fO C E 2 fO C L 1 fO C L 2 fO S C 1 fO S C 2 fO U T 1 fO U T 2 fL D R 1 fL D R 2 VENAH VENAL IE N A H ID D 1 IS T B tE N A ENA = "H", V D D = 2.0 to 5.5V ENA = "L", V D D = 2.0 to 5.5V V E N A H = 3.0V, V D D = 3.0V Excluding coil current ENA = "L" VENAL VENAH R O C L /R O S C = 200 k R O C E /R O S C = 200 k R O S C = 200 k R O C L = 200 k IL D R = 50 mA R O C E = 200 k Condition min 2.0 0.5 - - - 205 32 205 32 205 32 200 31 51 8 V D D - 0.5 V S S - 0.3 2.0 - - - typ 3.0 - - - 8.0 256 - 256 - 256 - 250 - 64 - - - 4.0 - - - max 5.5 100 100 0.5 12.0 307 kHz 1024 307 kHz 1024 307 kHz 1024 300 Hz 1000 77 kHz 256 V D D + 0.3 V S S + 0.5 6.0 1 1 100 V A mA A ms V V V V Unit
VDD - 0.5 VSS VSS + 0.5
VDD
tENA
Rise time
NIPPON PRECISION CIRCUITS--5
SM8141
TYPICAL APPLICATIONS
* SM8141A
EL size:20cm to 30cm Current Consumption 20mA SM8141A
1 CHV OUT1 OUT2 VDD OCE 8 7 6 5 2 2
EL sheet
0.1F 100V
2 LDR 3 VSS 4 OCL
0.47mH 200k 0.01F Cbypass 200k
3.0V Diode:TOSHIBA 1SS250 Coil:MURATA LQH4N471K04M00
EL size:10cm to 15cm Current Consumption 20mA SM8141A
1 CHV OUT1 OUT2 VDD OCE 8 7 6 5
2
2
EL sheet
0.1F 100V
2 LDR 3 VSS 4 OCL
0.47mH 390k 0.01F Cbypass 200k
1.5V
3.0V Diode:TOSHIBA 1SS250 Coil:MURATA LQH4N471K04M00
EL size:30cm to 50cm Current Consumption 40mA SM8141A
1 CHV OUT1 OUT2 VDD OCE 8 7 6 5
2
2
EL sheet
0.1F 100V
2 LDR 3 VSS 4 OCL
0.47mH 390k 0.01F Cbypass 3.0V Diode:TOSHIBA 1SS250 Coil:MURATA LQH4N471K04M00 200k
NIPPON PRECISION CIRCUITS--6
SM8141 * SM8141B
EL size 20cm to 30cm Current Consumption 20mA SM8141B
1 CHV OUT1 OUT2 VDD ENA 8 7 6 5 2 2
EL sheet
0.1F 100V
2 LDR 3 VSS 4 OSC
0.47mH 200k 0.01F Cbypass 3.0V Diode:TOSHIBA 1SS250 Coil:MURATA LQH4N471K04M00
EL size 10cm to 15cm Current Consumption 20mA SM8141B
1 CHV OUT1 OUT2 VDD ENA 8 7 6 5
2
2
EL sheet
0.1F 100V
2 LDR 3 VSS 4 OSC
0.22mH 200k 0.01F Cbypass 1.5V
3.0V Diode:TOSHIBA 1SS250 Coil:MURATA LQH4N221K04M00
EL size 30cm to 50cm Current Consumption 40mA SM8141B
1 CHV OUT1 OUT2 VDD ENA 8 7 6 5
2
2
EL sheet
0.1F 100V
2 LDR 3 VSS 4 OSC
0.22mH 200k 0.01F Cbypass 3.0V Diode:TOSHIBA 1SS250 Coil:MURATA LQH4N221K04M00
NIPPON PRECISION CIRCUITS--7
SM8141
NIPPON PRECISION CIRCUITS INC. reserves the right to make changes to the products described in this data sheet in order to improve the design or performance and to supply the best possible products. Nippon Precision Circuits Inc. assumes no responsibility fo r the use of any circuits shown in this data sheet, conveys no license under any patent or other rights, and makes no claim that the circuits are free from patent infringement. Applications for any devices shown in this data sheet are for illustration only and Nippon Precision Circuits Inc. makes no claim or warranty that such applications will be suitable for the use specified without further testing or modification. The products described in this data sheet are not intended to use for the apparatus which influence human lives due to the failure or malfunction of the products. Customers are requested to comply with applicable laws and regulations in effect now and hereinafter, including compliance with expor t controls on the distribution or dissemination of the products. Customers shall not expor t, directly or indirectly, any products without first obtaining required licenses and approvals from appropriate government agencies. NIPPON PRECISION CIRCUITS INC. 4-3, Fukuzumi 2-chome Koto-ku, Tokyo 135-8430, Japan Telephone: 03-3642-6661 Facsimile: 03-3642-6698 NC9710DE 1999.10
NIPPON PRECISION CIRCUITS INC.
NIPPON PRECISION CIRCUITS--8


▲Up To Search▲   

 
Price & Availability of SM8141

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X